Part Number Hot Search : 
DFP840 LP3311 BC237 OD8226P 4ACT0 KD615 CD1353CP 1SS16
Product Description
Full Text Search
 

To Download B32335B4081J050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film capacitors - AC capacitors
Motor run capacitors
400 V; class B; 85 C / 450 V; class C; 85 C
Series/Type: B32335 - Dual MotorCapTM Ordering code: Date: Version: January 2008 2.0
Content of inside pages of data sheet. Data will be automatically entered into headers and footers. Please fill in the table and then change the colour to "White". This ensures that the table disappears for the customer pdf.
Identification/Classification 1: (header 1) Identification/Classification 2: (header 2) Ordering code: Series/Type: Preliminary data (optional): (if necessary) Department: Date: FK PC PM AC January 2008 B32335 - Dual MotorCapTM Film capacitors - AC capacitors Motor run capacitors
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Film capacitors - AC capacitors Motor run capacitors
Construction Dielectric: polypropylene film Aluminum can Soft polyurethane resin Features Self-healing properties Low dissipation factor Overpressure disconnection device Highest safety level P2 to IEC 60252-1 2001-02 High insulation resistance C UL file E 106388 Typical applications For general sine wave applications, mainly as motor run capacitor, air conditioner Terminals
B32335 - Dual MotorCapTM
Double fast-on terminals: 6.3 x 0.8 mm and quadruple fast-on terminals: 6.3 x 0.8 mm Mounting parts (optional) Threaded stud at bottom of can (M8, max. torque = 5 Nm) Technical data and specifications Reference standards IEC 60252-1 2001-02, EN 60252 2001, UL 810 P2 400 V: 450 V: 10000 h (class B) 3000 h (class C)
Safety class to IEC 60252-1 2001-02 Life expectancy to IEC 60252 2001 UL 810 file E 106388 for Nashik and Gravatai plant Rated capacitance CR Tolerance Rated voltage VR Rated frequency fR
Approved component 10000 AFC protected 15+2 ... 50+8 5% 400 V AC, 450 V AC 50 / 60 Hz
FK PC PM AC Please read the important notes, cautions and warnings. Page 2 of 7
January 2008
Film capacitors - AC capacitors Motor run capacitors
B32335 - Dual MotorCapTM
Maximum ratings Maximum permissible voltage Vmax Maximum permissible current Imax Test data AC test voltage terminal to terminal VTT Insulation voltage terminals to case Insulation resistance Rins or time constant at 20 C, rel. humidity 65% (minimum as-delivered values) Dissipation factor tan at 20 C Maximum rate of voltage rise dV/dtmax Climatic data Climatic category Lower category Tmin Upper category Tmax Damp heat test ttest Ball pressure test to IEC 60309-1 sec. 27.3 Top disk material UL 94 V2 compatible Glow wire test to IEC 60695-2-11 Test temp 550 C for IR 0.5 A Test temp 850 C for IR > 0.5 A Tracking test to IEC 60112 solution A Compatibility to RoHS Compliance to directive 2002/95/EC Self-extinguishing within 30 seconds of withdrawing glow wire > 250 V 25/085/21 to IEC 60068-1 -25 C +85 C 21 days 20 N at 125 C 2 * VR , 60 s (type test) 2 * VR , 2 s (routine test) 2000 V AC, 60 s (type test) 2000 V AC, 2 s (routine test) 3000 s 1.1 * VR 1.3 * IR (VR= Rated voltage) (IR = Rated current)
1.0 * 10-3 (120 Hz) 10 V/s
Mechanical and thermal properties of terminal top disk material
FK PC PM AC Please read the important notes, cautions and warnings. Page 3 of 7
January 2008
Film capacitors - AC capacitors Motor run capacitors
Dimensional drawings
B32335 - Dual MotorCapTM
FK PC PM AC Please read the important notes, cautions and warnings. Page 4 of 7
January 2008
Film capacitors - AC capacitors Motor run capacitors
Ordering codes and packing units
VR V AC 400 / 450 CR F 15+2 15+2.5 15+3 15+4 15+5 17.5+2.5 17.5+4 17.5+5 20+2 20+2.5 20+3 20+4 20+5 22+5 25+2 25+3 25+4 25+5 25+7.5 25+8 25+9.5 25+10 25+15 30+2 30+3 30+4 30+5 30+7.5 30+10 Max. dimensions dxl mm 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 70 53 x 80 63.5 x 70 53 x 80 53 x 80 53 x 80 53 x 80 53 x 80 53 x 80 53 x 80 53 x 105 53 x 80 53 x 80 53 x 80 53 x 80 53 x 80 53 x 105
B32335 - Dual MotorCapTM
Ordering code
Packing units pcs.
B32335B4020J0*0 B32335B4076J0*0 B32335B4021J0*0 B32335B4022J0*0 B32335B4023J0*0 B32335B4077J0*0 B32335B4024J0*0 B32335B4025J0*0 B32335B4027J0*0 B32335B4057J0*0 B32335B4028J0*0 B32335B4050J0*0 B32335B4029J0*0 B32335B4030J0*0 B32335B4031J0*0 B32335B4032J0*0 B32335B4033J0*0 B32335B4034J0*0 B32335B4019J0*0 B32335B4051J0*0 B32335B4053J0*0 B32335B4056J0*0 B32335B4098J0*0 B32335B4035J0*0 B32335B4073J0*0 B32335B4036J0*0 B32335B4037J0*0 B32335B4066J0*0 B32335B4038J0*0
on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request
FK PC PM AC Please read the important notes, cautions and warnings. Page 5 of 7
January 2008
Film capacitors - AC capacitors Motor run capacitors
B32335 - Dual MotorCapTM
VR V AC 400 / 450
CR F 30+12 30+15 35+2 35+3 35+5 35+6 35+8 35+9.5 35+10 35+12 35+15 40+4 40+5 40+7.5 40+8 40+10 40+12 40+15 45+4 45+5 45+8 45+10 50+4 50+5 50+8
Max. dimensions dxl mm 53 x 105 53 x 105 63.5 x 70 53 x 80 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 53 x 105 63.5 x 80 53 x 105 53 x 105
Ordering code
Packing units pcs.
B32335B4072J0*0 B32335B4067J0*0 B32335B4081J0*0 B32335B4059J0*0 B32335B4040J0*0 B32335B4085J0*0 B32335B4058J0*0 B32335B4052J0*0 B32335B4041J0*0 B32335B4079J0*0 B32335B4074J0*0 B32335B4090J0*0 B32335B4042J0*0 B32335B4086J0*0 B32335B4047J0*0 B32335B4043J0*0 B32335B4075J0*0 B32335B4078J0*0 B32335B4106J0*0 B32335B4044J0*0 B32335B4071J0*0 B32335B4045J0*0 B32335B4046J0*0 B32335B4048J0*0 B32335B4049J0*0
on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request on request
Composition of ordering code: *: Construction of can and plastic top 5- Aluminum can, UL 94 V2 top 7- Aluminum can with M8 / M12 bolt: M8 fixing threaded bolt for diameter = 53 mm, M12 bolt for diameter = 63.5 mm U Please read "Applications warning, installation and maintenance instructions" and the "General Safety Data Sheet for Power Capacitors" issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are kindly requested to approve our product specifications or request our approval for your specification before ordering.
FK PC PM AC Please read the important notes, cautions and warnings. Page 6 of 7
January 2008
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
FK PC PM AC Page 7 of 7
January 2008


▲Up To Search▲   

 
Price & Availability of B32335B4081J050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X